online data sheet www.mysick.com photoelectric sensors g2s, photoelectric retro-reflective sensor, standard optics GL2S-N2311
photoelectric sensorsaaaaaaaaaaaaa? sick ag. subject to change without notice.aaaaaaaaaaaaa2/15/2016 2:47:58 am photoelectric sensors g2s, photoelectric retro-reflective sensor, standard optics 1) 2) pl40a 3) average service life of 100,000 h at ta = +25 c type > GL2S-N2311 part no. > 1067404 at a glance operating distance up to 3 m ? full-grade photoelectric retro-reflective sensor with polarizing filter to detect highly reflective objects ? pinpoint led technology is precise and fast-reacting for optimal, quick detection of a wide range of objects ? clearly visible led display ? rugged metal mounting bushes ensure reliable installation and a long service life ? your benefits easy alignment thanks to the small, brilliant and highly visible light spot ? high throughput and less machine and system downtime, since the sensors are pre-set and have high operating reserves ? space-saving system, since the powerful pinpoint led with a high light intensity permits the use of small reflectors for high sensing ranges ? the 45-degree tilted cable entry offers maximum installation flexibility with additional soft rubber bearings to absorb vibrations and tensile loads ? installation flexibility since several sensors can be installed in close proximity to one another without causing false trips due to interference ? illustration may differ features sensor/detection principle: photoelectric retro-reflective sensor, dual lens dimensions (w x h x d): 7.7 mm x 21.8 mm x 13.5 mm housing design (light emission): rectangular sensing range max.: 0.02 m ... 3 m 1) sensing range: 0.03 m ... 2.5 m 2) type of light: visible red light light source: pinpoint led 3) wave length: 640 nm light spot size (distance): ? 11 mm (250 mm) mechanics/electronics supply voltage: 10 v dc ... 30 v dc 1) ripple: 5 vpp 2) current consumption: 20 ma 3) output type: npn
photoelectric sensorsaaaaaaaaaaaaa? sick ag. subject to change without notice.aaaaaaaaaaaaa2/15/2016 2:47:58 am 1) limit values, operation in short-circuit protected network max. 8 a 2) may not exceed or fall short of vs tolerances 3) without load 4) signal transit time with resistive load 5) with light/dark ratio 1:1 6) do not bend below 0 c 7) a = vs connections reverse-polarity protected 8) c = interference suppression 9) d = outputs overcurrent and short-circuit protected switching mode: light/dark switching output current imax.: < 50 ma response time: < 0.6 ms 4) switching frequency: 800 hz 5) connection type: cable, 4-wire, 2 m 6) cable diameter: ? 3 mm circuit protection::: a, c, d 7) 8) 9) polarisation filter: optics material: pmma enclosure rating: ip 67 ambient operating temperature: -25 c ... +50 c ambient storage temperature: -40 c ... +75 c ul file no.: nrkh.e181493 housing material: abs, plastic dimensional drawing
photoelectric sensorsaaaaaaaaaaaaa? sick ag. subject to change without notice.aaaaaaaaaaaaa2/15/2016 2:47:58 am connection diagram characteristic curve
photoelectric sensorsaaaaaaaaaaaaa? sick ag. subject to change without notice.aaaaaaaaaaaaa2/15/2016 2:47:58 am sensing range diagram connection type light spot size
sick ag | waldkirch | germany | www.sick.com a4 4c int43 australia phone +61 3 9457 0600 1800 33 48 02 C tollfree e-mail sales@sick.com.au belgium/luxembourg phone +32 (0)2 466 55 66 e-mail info@sick.be brasil phone +55 11 3215-4900 e-mail marketing@sick.com.br canada phone +1 905 771 14 44 e-mail information@sick.com ?esk republika phone +420 2 57 91 18 50 e-mail sick@sick.cz china phone +86 4000 121 000 e-mail info.china@sick.net.cn phone +852-2153 6300 e-mail ghk@sick.com.hk danmark phone +45 45 82 64 00 e-mail sick@sick.dk deutschland phone +49 211 5301-301 e-mail info@sick.de espa?a phone +34 93 480 31 00 e-mail info@sick.es france phone +33 1 64 62 35 00 e-mail info@sick.fr great britain phone +44 (0)1727 831121 e-mail info@sick.co.uk india phone +91C22C4033 8333 e-mail info@sick-india.com israel phone +972-4-6881000 e-mail info@sick-sensors.com italia phone +39 02 27 43 41 e-mail info@sick.it japan phone +81 (0)3 5309 2112 e-mail support@sick.jp magyarorszg phone +36 1 371 2680 e-mail office@sick.hu nederland phone +31 (0)30 229 25 44 e-mail info@sick.nl norge phone +47 67 81 50 00 e-mail sick@sick.no ?sterreich phone +43 (0)22 36 62 28 8-0 e-mail office@sick.at polska phone +48 22 837 40 50 e-mail info@sick.pl romania phone +40 356 171 120 e-mail office@sick.ro russia phone +7-495-775-05-30 e-mail info@sick.ru schweiz phone +41 41 619 29 39 e-mail contact@sick.ch singapore phone +65 6744 3732 e-mail sales.gsg@sick.com slovenija phone +386 (0)1-47 69 990 e-mail office@sick.si south africa phone +27 11 472 3733 e-mail info@sickautomation.co.za south korea phone +82 2 786 6321/4 e-mail info@sickkorea.net suomi phone +358-9-25 15 800 e-mail sick@sick.fi sverige phone +46 10 110 10 00 e-mail info@sick.se taiwan phone +886 2 2375-6288 e-mail sales@sick.com.tw trkiye phone +90 (216) 528 50 00 e-mail info@sick.com.tr united arab emirates phone +971 (0) 4 88 65 878 e-mail info@sick.ae usa/mxico phone +1(952) 941-6780 1 (800) 325-7425 C tollfree e-mail info@sickusa.com more representatives and agencies at www.sick.com
|